Part Number Hot Search : 
AN1672 TL2272 MN101 0J100 ON2258 N74HC VDP3120 1205A
Product Description
Full Text Search
 

To Download SC5R5153Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.7V/1.0F
Dimensions in mm(not to scale)
SC2R7103Z
Specifications
Items Specification Nominal capacitance 1.0F Capacitance tolerance -20%+80% (at 25) Rated voltage 2.7V ESR (1kHz 25 Weight 0.65g0.05g Dimension (DL mm) 12.75x2.4 Solder fashion V typeH type Operation temperature -25 - 70 Storage temperature -40 ~ 85 High/low temperature From -25 to +70, |C | 30% and ESR 4 times of characteristics initially measured values After fully charge, storage 500 hours at 55:and Moistureproof characteristics 90-95%RH, |C | 30% and ESR 4 times of initially measured values After 1,000 hours application under 2.7V DC at 70, |C| Load life test 30% of the initial value and ESR 4 times of initially measured values Charge-discharge for 100,000 cycles at 2.7V and 25, Cycle life |C| 30% and ESR 4 times of initially measured value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
Supercapacitor
Features
RoHS compliant High capacitance and low resistance for long cycle life applications Small sized, light weight and maintenance free Wider temperature range(-25 ~ 70)
Applications
Primary or back-up power supply for video, audio, camera, printer, hand held scanner, telephone, car stereo, computer, toy, LED display, relay, electric buzzer, etc
Product list
Part Number
SR2R5223Z SR2R5333Z SR2R5473Z SR2R5104Z SR2R5204Z SR2R5304Z SR2R5504Z SR2R5105Z SR2R5125Z SC2R7302Z SC2R7702Z SC2R7103Z SC2R7203Z SC2R7303Z SC2R7603Z SC2R7803Z SC5R5152Z SC5R5222Z SC5R5332Z SC5R5472Z SC5R5802Z SC5R5103Z SC5R5153Z SC5R5303Z SC5R5403Z
Rated Voltage(V)
2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.7 2.7 2.7 2.7 2.7 2.7 2.7 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5 5.5
Nominal Capacitance(F)
2.2 3.3 4.7 10 20 30 50 100 120 0.3 0.7 1.0 2.0 3.0 6.0 8.0 0.15 0.22 0.33 0.47 0.8 1.0 1.5 3.0 4.0
ESR ( ) (@1kHz)
0.28 0.15 0.10 0.05 0.04 0.03 0.02 0.02 0.02 70 30 25 15 10 6 5 150 70 60 45 40 35 24 15 15
Dimension (mm) L (or) T
10.00.1 10.00.1 13.00.1 13.00.1 16.00.1 16.00.1 18.00.1 22.00.2 22.00.2 7.050.1 9.650.1 12.750.1 16.30.1 20.20.1 20.30.1 24.80.1 7.050.1 9.650.1 9.650.1 12.750.1 20.80.1 20.80.1 20.20.1 20.30.1 24.80.1
21.00.2 21.00.2 21.00.2 34.00.2 34.00.2 32.00.2 32.00.2 54.00.2 45.00.2 2.50.2 2.70.2 2.40.2 2.40.2 2.00.2 3.30.2 3.50.2 5.00.2 4.60.2 6.00.2 4.30.2 7.20.2 7.20.2 3.70.2 6.70.2 6.50.2
Solder Type
V type V typeH type V type, H type V type, H type V type, H type V type, H type V typeH type V type V typeH type V typeH type V type, H type C, H, V type C, H, V type V typeH type V typeH type V typeH type
Part Number System
Series Code Rated Voltage Nominal Capacitance Capacitance Tolerance
Z: tolerance from -20% to +80% Type S: Supercapacitor Shape R: Radial: C: Cell Example-702: 7.0*E2 mF Example-2R7: 2.7V
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


▲Up To Search▲   

 
Price & Availability of SC5R5153Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X